công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1133 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1133 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1135Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1133 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1103 of 1342
REJ09B0467-0100
Section 22 Flash Memory
The flash memory in this LSI can be accessed in three programming modes: user programming
mode, on-board programming mode, and programmer mode.
Table 22.1 gives an overview of the flash memory specifications (see section 1, Overview, for
items that are not shown in table 22.1).
Table 22.1
Overview of Flash Memory Specifications
Item
Description
Flash memory programming modes
Three modes (user programming mode, boot mode,
and programmer mode)
Erase block division
User ROM
See figure 22.1.
Programming method
Word or byte units*
1
Erase method
Block units
Programming and erase control method
Programming and erasure are controlled by
software commands
Commands
Six commands
Programming and erase count
100 times*
2
Data retention
Ten years
Notes: 1. The flash memory can be programmed in byte units only in parallel I/O mode.
2. The programming and erase count determine the number of times the erase operation
can be performed in each block.
For example, if 1-word programming is done 2,048 times, each at a different address in
a 4-Kbyte block and then the block is erased, this is counted as one erase count. If the
allowed programming and erase count are 100 times, each block can be erased 100
times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com