công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1128 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1128 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1124Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1125Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1126Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1128 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1098 of 1342
REJ09B0467-0100
20.5
Interrupt Requests
The SSU interrupt requests are an overrun error, a conflict error, a receive data register full,
transmit data register empty, and a transmit end interrupts.
Since both an overrun error and a conflict error interrupts are allocated to the SSERI vector
address, and both a transmit data register empty and a transmit end interrupts are allocated to the
SSTXI vector address, the interrupt source should be decided by their flags. Table 20.7 lists the
interrupt sources.
When an interrupt condition shown in table 20.7 is satisfied, an interrupt is requested. Clear the
interrupt source by CPU or DMAC data transfer.
Table 20.7
Interrupt Sources
Channel Abbreviation
Interrupt Source
Symbol Interrupt Condition
DMAC
Activation
0
SSERI0
Overrun error
OEI0
(RIE
= 1) • (ORER = 1)
Conflict error
CEI0
(CEIE
= 1) • (CE = 1)
SSRXI0
Receive data register full
RXI0
(RIE
= 1) • (RDRF = 1)
SSTXI0
Transmit data register empty
TXI0
(TIE
= 1) • (TDRE = 1)
Transmit end
TEI0
(TEIE
= 1) • (TEND = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com