công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1101 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1101 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1101Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1102Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1103Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1104Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1101 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1071 of 1342
REJ09B0467-0100
20.3.6
SS Control Register 2 (SSCR2)
SSCR2 is a register that enables/disables the open-drain outputs of the SSO, SSI, SSCK, and
SCS
pins, selects the assert timing of the
SCS pin, data output timing of the SSO pin, and set timing of
the TEND bit.
Bit
Bit Name
Initial
Value
R/W
Description
7
SDOS
0
R/W
Serial Data Pin Open Drain Select
Selects whether the serial data output pin is used as a
CMOS or an NMOS open drain output. Pins to output
serial data differ according to the register setting. For
details, 20.4.3, Relationship between Data Input/Output
Pins and Shift Register.
0: CMOS output
1: NMOS open drain output
6
SSCKOS
0
R/W
SSCK Pin Open Drain Select
Selects whether the SSCK pin is used as a CMOS or
an NMOS open drain output.
0: CMOS output
1: NMOS open drain output
5
SCSOS
0
R/W
SCS Pin Open Drain Select
Selects whether the
SCS pin is used as a CMOS or an
NMOS open drain output.
0: CMOS output
1: NMOS open drain output
4
TENDSTS 0
R/W
Selects the timing of setting the TEND bit (valid in SSU
and master mode).
0: Sets the TEND bit when the last bit is being
transmitted
1: Sets the TEND bit after the last bit is transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com