công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1079 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1079 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1075Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1076Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1077Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1083Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1079 / 1376 page
background image
Section 18 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 1049 of 1342
REJ09B0467-0100
18.7.8
Notes on Noise Countermeasures
A protection circuit connected to prevent damage due to an abnormal voltage such as an excessive
surge at the analog input pins (AN0 to AN15*) should be connected between AVcc and AVss as
shown in figure 18.12. Also, the bypass capacitors connected to AVcc and the filter capacitor
connected to the AN0 to AN11 pins must be connected to AVss.
If a filter capacitor is connected, the input currents at the AN0 to AN15* pins are averaged, and so
an error may arise. Also, when A/D conversion is performed frequently, as in scan mode, if the
current charged and discharged by the capacitance of the sample-and-hold circuit in the A/D
converter exceeds the current input via the input impedance (R
in), an error will arise in the analog
input pin voltage. Careful consideration is therefore required when deciding the circuit constants.
Note: * In the H8S/2454 group, only AN0 to AN7, AN11, and AN12 are available as analog
input pins.
AVCC
*1
*1
Vref
AN0 to AN15*
AVSS
Notes:
Values are reference values.
1.
2. Rin: Input impedance
3. The H8S/2454 group has only AN0 to AN7, AN11, and AN12 as analog input pins.
Rin*2
3
100
Ω
0.1 µF
0.01 µF
10 µF
Figure 18.12 Example of Analog Input Protection Circuit
Table 18.9
Analog Pin Specifications
Item
Min.
Max.
Unit
Analog input capacitance
15
pF
Permissible signal source impedance
5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com