công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 979 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 979 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 975Page - Renesas Technology Corp H8S/2454 Datasheet HTML 976Page - Renesas Technology Corp H8S/2454 Datasheet HTML 977Page - Renesas Technology Corp H8S/2454 Datasheet HTML 978Page - Renesas Technology Corp H8S/2454 Datasheet HTML 979Page - Renesas Technology Corp H8S/2454 Datasheet HTML 980Page - Renesas Technology Corp H8S/2454 Datasheet HTML 981Page - Renesas Technology Corp H8S/2454 Datasheet HTML 982Page - Renesas Technology Corp H8S/2454 Datasheet HTML 983Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 949 of 1342
REJ09B0467-0100
Register
Bit
Transfer
Mode
Interrupt
Source
Description
Interrupt
Request Signal
DMAC
Activation
0
Bulk_out
transfer
(EP1)
EP1_FULL
EP1 FIFO full
USBINTN2 or USBINTN3 USBINTN0
(
DREQ0)
1
EP2_ALLEMP
EP2 FIFO all empty
USBINTN2 or USBINTN3 ×
2
EP2_EMPTY
EP2 FIFO empty
USBINTN2 or USBINTN3 USBINTN1
(
DREQ1)
3
Bulk_in
transfer
(EP2)
EP2_TR
EP2 transfer request
USBINTN2 or USBINTN3 ×
4
EP3_TS
EP3 transmission
complete
USBINTN2 or USBINTN3 ×
5
Interrupt_in
transfer
(EP3)
EP3_TR
EP3 transfer request
USBINTN2 or USBINTN3 ×
6
Reserved
IFR2
7
Reserved
Note:
*
EP0 interrupts must be assigned to the same interrupt request signal.
• USB INTN0 signal
DMA transfer request signal only for EP1. See section 16.8, DMA Transfer.
• USB INTN1 signal
DMA transfer request signal only for EP2. See section 16.8, DMA Transfer.
• USB INTN2 signal
The USB INTN2 signal requests interrupt sources for which the corresponding bits in interrupt
select registers 0 and 2 (ISR0 and ISR2) are cleared to 0. The USB INTN2 is driven low if a
corresponding bit in the interrupt flag register is set to 1.
• USB INTN3 signal
The USBINTN3 signal requests interrupt sources for which the corresponding bits in interrupt
select registers 0 to 2 (ISR0 and ISR2) are cleared to 0. The USB INTN3 is driven low if a
corresponding bit in the interrupt flag register is set to 1.
• RESUME signal
The RESUME signal is a resume interrupt signal for canceling software standby mode. The
RESUME signal is driven low at the transition to the resume state for canceling software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com