công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 918 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 918 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 914Page - Renesas Technology Corp H8S/2454 Datasheet HTML 915Page - Renesas Technology Corp H8S/2454 Datasheet HTML 916Page - Renesas Technology Corp H8S/2454 Datasheet HTML 917Page - Renesas Technology Corp H8S/2454 Datasheet HTML 918Page - Renesas Technology Corp H8S/2454 Datasheet HTML 919Page - Renesas Technology Corp H8S/2454 Datasheet HTML 920Page - Renesas Technology Corp H8S/2454 Datasheet HTML 921Page - Renesas Technology Corp H8S/2454 Datasheet HTML 922Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 918 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 888 of 1342
REJ09B0467-0100
15.7.4
Receive Data Sampling Timing and Reception Margin
Only the internal clock generated by the on-chip baud rate generator is used as transmit/receive
clock in Smart Card interface. In Smart Card interface mode, the SCI operates on a basic clock
with a frequency of 32, 64, 372, 256, 93, 128, 186, or 512 times the bit rate (fixed at 16 times in
normal asynchronous mode) as determined by bits BCP2 to BCP0. In reception, the SCI samples
the falling edge of the start bit using the basic clock, and performs internal synchronization. As
shown in figure 15.25, by sampling receive data at the rising-edge of the 16th, 32nd, 186th, 128th,
46th, 64th, 93rd, or 256th pulse of the basic clock, data can be latched at the middle of the bit. The
reception margin is given by the following formula.
M =  (0.5 –
) – (L – 0.5) F –
(1 + F)  × 100 [%]
1
2N
D – 0.5
N
Where
M: Reception margin (%)
N: Ratio of bit rate to clock (N = 32, 64, 372, 256, 93, 128, 186, or 512)
D: Clock duty cycle (D = 0 to 1.0)
L: Frame length (L = 10)
F: Absolute value of clock frequency deviation
Assuming values of F = 0, D = 0.5 and N = 372 in the above formula, the reception margin
formula is as follows.
M = (0.5 – 1/2
× 372) × 100%
= 49.866%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com