công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 898 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 898 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 894Page - Renesas Technology Corp H8S/2454 Datasheet HTML 895Page - Renesas Technology Corp H8S/2454 Datasheet HTML 896Page - Renesas Technology Corp H8S/2454 Datasheet HTML 897Page - Renesas Technology Corp H8S/2454 Datasheet HTML 898Page - Renesas Technology Corp H8S/2454 Datasheet HTML 899Page - Renesas Technology Corp H8S/2454 Datasheet HTML 900Page - Renesas Technology Corp H8S/2454 Datasheet HTML 901Page - Renesas Technology Corp H8S/2454 Datasheet HTML 902Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 898 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 868 of 1342
REJ09B0467-0100
Yes
<End>
[1]
No
Initialization
Start of reception
[2]
No
Yes
Read RDRF flag in SSR
[4]
[5]
Clear RE bit in SCR to 0
Read ORER, PER, and
FER flags in SSR
Error handling
(Continued on next page)
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
PER
∨ FER ∨ ORER = 1?
RDRF = 1?
All data received?
SCI initialization:
The RxD pin is automatically
designated as the receive data
input pin.
Receive error handling and
break detection:
If a receive error occurs, read the
ORER, PER, and FER flags in
SSR to identify the error. After
performing the appropriate error
processing, ensure that the
ORER, PER, and FER flags are
all cleared to 0. Reception cannot
be resumed if any of these flags
are set to 1. In the case of a
framing error, a break can be
detected by reading the value of
the input port corresponding to
the RxD pin.
SCI status check and receive
data read :
Read SSR and check that RDRF
= 1, then read the receive data in
RDR and clear the RDRF flag to
0. Transition of the RDRF flag
from 0 to 1 can also be identified
by an RXI interrupt.
Serial reception continuation
procedure:
To continue serial reception,
before the stop bit for the current
frame is received, read the
RDRF flag, read RDR, and clear
the RDRF flag to 0. The RDRF
flag is cleared automatically
when the DMAC or DTC is
activated by an RXI interrupt and
the RDR value is read.
[1]
[2] [3]
[4]
[5]
Figure 15.9 Sample Serial Reception Data Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com