công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 750 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 750 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 746Page - Renesas Technology Corp H8S/2454 Datasheet HTML 747Page - Renesas Technology Corp H8S/2454 Datasheet HTML 748Page - Renesas Technology Corp H8S/2454 Datasheet HTML 749Page - Renesas Technology Corp H8S/2454 Datasheet HTML 750Page - Renesas Technology Corp H8S/2454 Datasheet HTML 751Page - Renesas Technology Corp H8S/2454 Datasheet HTML 752Page - Renesas Technology Corp H8S/2454 Datasheet HTML 753Page - Renesas Technology Corp H8S/2454 Datasheet HTML 754Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 750 / 1376 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 720 of 1342
REJ09B0467-0100
(2) Example of Synchronous Operation
Figure 11.12 shows an example of synchronous operation.
In this example, synchronous operation and PWM mode 1 have been designated for channels 0 to
2, TGRB_0 compare match has been set as the channel 0 counter clearing source, and
synchronous clearing has been set for the channel 1 and 2 counter clearing source.
Three-phase PWM waveforms are output from pins TIOCA0, TIOCA1, and TIOCA2. At this
time, synchronous presetting, and synchronous clearing by TGRB_0 compare match, is performed
for channel 0 to 2 TCNT counters, and the data set in TGRB_0 is used as the PWM cycle.
For details on PWM modes, see section 11.4.5, PWM Modes.
TCNT0 to TCNT2 values
H'0000
TIOCA_0
TIOCA_1
TGRB_0
Synchronous clearing by TGRB_0 compare match
TGRA_2
TGRA_1
TGRB_2
TGRA_0
TGRB_1
TIOCA_2
Time
Figure 11.12 Example of Synchronous Operation
11.4.3
Buffer Operation
Buffer operation, provided for channels 0, 3, 6, and 9, enables TGRC and TGRD to be used as
buffer registers.
Buffer operation differs depending on whether TGR has been designated as an input capture
register or a compare match register.
Table 11.29 shows the register combinations used in buffer operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com