công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 734 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 734 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 730Page - Renesas Technology Corp H8S/2454 Datasheet HTML 731Page - Renesas Technology Corp H8S/2454 Datasheet HTML 732Page - Renesas Technology Corp H8S/2454 Datasheet HTML 733Page - Renesas Technology Corp H8S/2454 Datasheet HTML 734Page - Renesas Technology Corp H8S/2454 Datasheet HTML 735Page - Renesas Technology Corp H8S/2454 Datasheet HTML 736Page - Renesas Technology Corp H8S/2454 Datasheet HTML 737Page - Renesas Technology Corp H8S/2454 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 1376 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 704 of 1342
REJ09B0467-0100
11.3.5
Timer Status Register (TSR)
TSR registers indicate the status of each channel. The TPU has six TSR registers, one for each
channel.
Bit
Bit Name
Initial value
R/W
Description
7
TCFD
1
R
Count Direction Flag
Status flag that shows the direction in which TCNT
counts in channels 1, 2, 4, and 5.
In channels 0 and 3, bit 7 is reserved. It is always
read as 1 and cannot be modified.
0: TCNT counts down
1: TCNT counts up
6
—
1
—
Reserved
This bit is always read as 1 and cannot be
modified.
5
TCFU
0
R/(W)*
Underflow Flag
Status flag that indicates that TCNT underflow has
occurred when channels 1, 2, 4, and 5 are set to
phase counting mode.
In channels 0 and 3, bit 5 is reserved. It is always
read as 0 and cannot be modified.
[Setting condition]
When the TCNT value underflows (changes from
H'0000 to H'FFFF)
[Clearing condition]
When 0 is written to TCFU after reading TCFU = 1
4
TCFV
0
R/(W)*
Overflow Flag
Status flag that indicates that TCNT overflow has
occurred.
[Setting condition]
When the TCNT value overflows (changes from
H'FFFF to H'0000)
[Clearing condition]
When 0 is written to TCFV after reading TCFV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com