công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 713 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 713 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 709Page - Renesas Technology Corp H8S/2454 Datasheet HTML 710Page - Renesas Technology Corp H8S/2454 Datasheet HTML 711Page - Renesas Technology Corp H8S/2454 Datasheet HTML 712Page - Renesas Technology Corp H8S/2454 Datasheet HTML 713Page - Renesas Technology Corp H8S/2454 Datasheet HTML 714Page - Renesas Technology Corp H8S/2454 Datasheet HTML 715Page - Renesas Technology Corp H8S/2454 Datasheet HTML 716Page - Renesas Technology Corp H8S/2454 Datasheet HTML 717Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1376 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 683 of 1342
REJ09B0467-0100
11.3.2
Timer Mode Register (TMDR)
TMDR registers are used to set the operating mode for each channel. The TPU has six TMDR
registers, one for each channel. TMDR register settings should be made only when TCNT
operation is stopped.
Bit
Bit Name
Initial Value
R/W
Description
7
6
—
—
1
1
—
—
Reserved
These bits are always read as 1 and cannot be
modified.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to operate in the
normal way, or TGRB and TGRD are to be used
together for buffer operation. When TGRD is used
as a buffer register, TGRD input capture/output
compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRD,
bit 5 is reserved. It is always read as 0 and cannot
be modified.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer
operation
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to operate in the
normal way, or TGRA and TGRC are to be used
together for buffer operation. When TGRC is used
as a buffer register, TGRC input capture/output
compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRC,
bit 4 is reserved. It is always read as 0 and cannot
be modified.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer
operation
3
2
1
0
MD3
MD2
MD1
MD0
0
0
0
0
R/W
R/W
R/W
R/W
Modes 3 to 0
These bits are used to set the timer operating
mode.
MD3 is a reserved bit. The write value should
always be 0. See table 11.12 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com