công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 708 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 708 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 704Page - Renesas Technology Corp H8S/2454 Datasheet HTML 705Page - Renesas Technology Corp H8S/2454 Datasheet HTML 706Page - Renesas Technology Corp H8S/2454 Datasheet HTML 707Page - Renesas Technology Corp H8S/2454 Datasheet HTML 708Page - Renesas Technology Corp H8S/2454 Datasheet HTML 709Page - Renesas Technology Corp H8S/2454 Datasheet HTML 710Page - Renesas Technology Corp H8S/2454 Datasheet HTML 711Page - Renesas Technology Corp H8S/2454 Datasheet HTML 712Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 708 / 1376 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 678 of 1342
REJ09B0467-0100
11.3.1
Timer Control Register (TCR)
The TCR registers control the TCNT operation for each channel. The TPU has a total of six TCR
registers, one for each channel. TCR register settings should be made only when TCNT operation
is stopped.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
CCLR2
CCLR1
CCLR0
0
0
0
R/W
R/W
R/W
Counter Clear 2 to 0
These bits select the TCNT counter clearing
source. See tables 11.4 and 11.5 for details.
4
3
CKEG1
CKEG0
0
0
R/W
R/W
Clock Edge 1 and 0
These bits select the input clock edge. When the
input clock is counted using both edges, the input
clock period is halved (e.g.
φ/4 both edges = φ/2
rising edge). If phase counting mode is used on
channels 1, 2, 4, and 5, this setting is ignored and
the phase counting mode setting has priority.
Internal clock edge selection is valid when the
input clock is
φ/4 or slower. This setting is ignored
if the input clock is
φ/1, or when overflow/underflow
of another channel is selected.
00: Count at rising edge
01: Count at falling edge
1
×: Count at both edges
Legend:
×: Don’t care
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Time Prescaler 2 to 0
These bits select the TCNT counter clock. The
clock source can be selected independently for
each channel. See tables 11.6 to 11.11 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com