công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 576Page - Renesas Technology Corp H8S/2454 Datasheet HTML 577Page - Renesas Technology Corp H8S/2454 Datasheet HTML 578Page - Renesas Technology Corp H8S/2454 Datasheet HTML 579Page - Renesas Technology Corp H8S/2454 Datasheet HTML 580Page - Renesas Technology Corp H8S/2454 Datasheet HTML 581Page - Renesas Technology Corp H8S/2454 Datasheet HTML 582Page - Renesas Technology Corp H8S/2454 Datasheet HTML 583Page - Renesas Technology Corp H8S/2454 Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 550 of 1342
REJ09B0467-0100
10.5.3
Port 5 Register (PORT5)
PORT5 shows the pin states of port 5. PORT5 cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
Undefined
R
Reserved
If these bits are read, they will return an undefined
value.
3
P53
*
R
2
P52
*
R
1
P51
*
R
0
P50
*
R
If the P53 to P50 bits are read while a P5DDR bit is
set to 1, the corresponding P5DR value is read. If
this register is read while a P5DDR bit is cleared to
0, the corresponding pin state is read.
Note:
*
Determined by the states of pins P53 to P50.
10.5.4
Port 5 Open Drain Control Register (P5ODR)
P5ODR specifies the output type of each port 5 pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
3
P53ODR
0
R/W
2
P52ODR
0
R/W
1
P51ODR
0
R/W
0
P50ODR
0
R/W
When
BACK-B/BREQO-B output is not selected,
setting a P5ODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a P5ODR bit to 0 makes the corresponding pin a
CMOS output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com