công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 554Page - Renesas Technology Corp H8S/2454 Datasheet HTML 555Page - Renesas Technology Corp H8S/2454 Datasheet HTML 556Page - Renesas Technology Corp H8S/2454 Datasheet HTML 557Page - Renesas Technology Corp H8S/2454 Datasheet HTML 558Page - Renesas Technology Corp H8S/2454 Datasheet HTML 559Page - Renesas Technology Corp H8S/2454 Datasheet HTML 560Page - Renesas Technology Corp H8S/2454 Datasheet HTML 561Page - Renesas Technology Corp H8S/2454 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 528 of 1342
REJ09B0467-0100
10.2.2
Port 2 Data Register (P2DR)
P2DR stores output data for the port 2 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
Output data for a pin is stored when the pin function
is specified as a general purpose I/O.
4
0
3
0
2
0
1
0
Bits 4 to 1 are reserved.
These bits are read as 0.
When written, the initial value should be written to.
0
P20DR
0
R/W
Output data for a pin is stored when the pin function
is specified as a general purpose I/O.
10.2.3
Port 2 Register (PORT2)
PORT2 shows the pin states of port 2. PORT2 cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7
P27
*
R
6
P26
*
R
5
P25
*
R
If this register is read while a P2DDR bit is set to 1,
the corresponding P2DR value is read. If this
register is read while a P2DDR bit is cleared to 0,
the corresponding pin state is read.
4
Undefined
3
Undefined
2
Undefined
1
Undefined
Bits 4 to 1 are reserved.
The read value is undefined.
0
P20
*
R
If this register is read while a P2DDR bit is set to 1,
the corresponding P2DR value is read. If this
register is read while a P2DDR bit is cleared to 0,
the corresponding pin state is read.
Note:
*
Determined by the states of pins P27 to P25 and P20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com