công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 525 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 525 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 521Page - Renesas Technology Corp H8S/2454 Datasheet HTML 522Page - Renesas Technology Corp H8S/2454 Datasheet HTML 523Page - Renesas Technology Corp H8S/2454 Datasheet HTML 524Page - Renesas Technology Corp H8S/2454 Datasheet HTML 525Page - Renesas Technology Corp H8S/2454 Datasheet HTML 526Page - Renesas Technology Corp H8S/2454 Datasheet HTML 527Page - Renesas Technology Corp H8S/2454 Datasheet HTML 528Page - Renesas Technology Corp H8S/2454 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 495 of 1342
REJ09B0467-0100
Mode 7
Port
Description
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Input/
Output Type
P53/
IRQ3-A/ADTRG0-A/TRST*3
P52/
BACK-B/IRQ2-A/PO4-B/TIOCA4-B/
TMO0-B/SCK2
P52/
IRQ2-A/PO4-B/
TIOCA4-B/TMO0-B/
SCK2
P51/
BREQ-B/IRQ1-A/PO2-B/TIOCC3-B/
TMCI0-B/RxD2/SCL3
P51/
IRQ1-A/PO2-B/
TIOCC3-B/TMCI0-B/
RxD2/SCL3
Port 5
General I/O port
also functioning as
interrupt inputs,
A/D converter
inputs, SCI I/Os,
PPG outputs, TPU
I/Os, TMR I/Os,
I
2C I/Os, bus
control signal I/Os,
and JTAG inputs
P50/
BREQO-B/IRQ0-A/PO0-B/TIOCA3-B/
TMRI0-B/TxD2/SDA3
P50/
IRQ0-A/PO0-B/
TIOCA3-B/TMRI0-B/
TxD2/SDA3
Schmitt-triggered
inputs when used as
IRQ inputs.
Only P50 and P51
are Schmitt-triggered
inputs when used as
I
2C inputs.
Open-drain output
capability.
Only P50 to P52 are
Schmitt-triggered
inputs when used as
TPU inputs.
Only P50 and P51
are Schmitt-triggered
inputs when used as
8-bit timer inputs.
P50 and P51 have 5-
V tolerance.
Port 6
General I/O port
also functioning as
interrupt inputs,
TMR I/Os, and
DMAC I/Os
P65/
IRQ13-A/DACK1/TMO1-A
P64/
IRQ12-A/DACK0/TMO0-A
P63/
IRQ11-A/TEND1/TMCI1-A
P62/
IRQ10-A/TEND0/TMCI0-A
P61/
IRQ9-A/DREQ1/TMRI1-A
P60/
IRQ8-A/DREQ0/TMRI0-A
Schmitt-triggered
inputs when used as
IRQ inputs.
Open-drain output
capability.
Only P60 to P63 are
Schmitt-triggered
inputs when used as
8-bit timer inputs.
P85/
IRQ5-B /PO5-B/TIOCB4-B/TMO1-B/SCK3/
EDACK3
P85/
IRQ5-B/PO5-B/
TIOCB4-B/TMO1-B/
SCK3
P84/I
RQ4-B/EDACK2
P84/I
RQ4-B
P83/
IRQ3-B/PO3-B/TIOCD3-B/TMCI1-B/RxD3/
ETEND3
P83/
IRQ3-B/PO3-B/
TIOCD3-B/TMCI1-B/
RxD3
P82/
IRQ2-B/ETEND2
P82/
IRQ2-B
P81/
IRQ1-B/PO1-B/TIOCB3-B/ TMRI1-B/TxD3/
EDREQ3
P81/
IRQ1-B/PO1-B/
TIOCB3-B/TMRI1-B/
TxD3
Port 8
General I/O port
also functioning as
EXDMAC I/Os,
PPG outputs, TPU
I/Os, TMR I/Os,
SCI I/Os and
interrupt inputs
P80/
IRQ0-B/EDREQ2
P80/
IRQ0-B
Schmitt-triggered
inputs when used as
IRQ inputs.
Open-drain output
capability.
Only P81, P83, and
P85 are Schmitt-
triggered inputs
when used as TPU
inputs.
Port 9
Dedicated input
port also
functioning as A/D
converter analog
inputs and D/A
converter analog
outputs
P97/AN15_1
P96/AN14_1
P95/AN13_1/DA3
P94/AN12_1/DA2
P93/AN11_1
P92/AN10_1
P91/AN9_1
P90/AN8_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com