| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2454 bảng dữ liệu(PDF) 497 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 bảng dữ liệu(HTML) 497 Page - Renesas Technology Corp |
|
497 / 1376 page ![]() Section 9 Data Transfer Controller (DTC) Rev. 1.00 Sep. 19, 2008 Page 467 of 1342 REJ09B0467-0100 9.2.7 DTC Enable Registers A to I (DTCERA to DTCERI) DTCER which is comprised of registers, DTCERA to DTCERI, is a register that specifies DTC activation interrupt sources. The correspondence between interrupt sources and DTCE bits is shown in table 9.2. For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR for reading and writing. If all interrupts are masked, multiple activation sources can be set at one time (only at the initial setting) by writing data after executing a dummy read on the relevant register. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 DTCE7 DTCE6 DTCE5 DTCE4 DTCE3 DTCE2 DTCE1 DTCE0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W DTC Activation Enable Setting this bit to 1 specifies a relevant interrupt source to a DTC activation source. [Clearing conditions] • When the DISEL bit is 1 and the data transfer has ended • When the specified number of transfers have ended These bits are not automatically cleared when the DISEL bit is 0 and the specified number of transfers have not ended • When 0 is written to DTCE after reading DTCE = 1 9.2.8 DTC Vector Register (DTVECR) DTVECR sets a vector number for the software activation interrupt. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 DTVEC7 DTVEC6 DTVEC5 DTVEC4 DTVEC3 DTVEC2 DTVEC1 DTVEC0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W DTC Software Activation Vectors 7 to 0 These bits specify a vector number for DTC software activation. The vector address is expressed as H'0400 + (vector number × 2). For example, when DTVEC7 to DTVEC0 = H'10, the vector address is H'0420. These bits can be written to only when the SWDTE bit is 0. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |