công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 466 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 466 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 462Page - Renesas Technology Corp H8S/2454 Datasheet HTML 463Page - Renesas Technology Corp H8S/2454 Datasheet HTML 464Page - Renesas Technology Corp H8S/2454 Datasheet HTML 465Page - Renesas Technology Corp H8S/2454 Datasheet HTML 466Page - Renesas Technology Corp H8S/2454 Datasheet HTML 467Page - Renesas Technology Corp H8S/2454 Datasheet HTML 468Page - Renesas Technology Corp H8S/2454 Datasheet HTML 469Page - Renesas Technology Corp H8S/2454 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 436 of 1342
REJ09B0467-0100
DMA read
RD
ETEND
Address bus
φ
Bus release
Bus release
Bus
release
Last transfer cycle
EDACK
Bus release
DMA read
DMA read
Figure 8.23 Example of Single Address Mode (Word Read) Transfer
After one byte or word has been transferred in response to one transfer request, the bus is released.
While the bus is released, one or more CPU, DMAC, or DTC bus cycles are initiated.
(2) Single Address Mode (Write)
Figure 8.24 shows an example of transfer when
ETEND output is enabled, and byte-size, single
address mode transfer (write) is performed from an external device to external 8-bit, 2-state access
space.
HWR
ETEND
Address bus
φ
Bus release
Bus release
Bus release
Last
transfer
cycle
DMA write
EDACK
DMA write
DMA write
DMA write
Bus release
Bus release
LWR
Figure 8.24 Example of Single Address Mode (Byte Write) Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com