công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 460 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 460 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 456Page - Renesas Technology Corp H8S/2454 Datasheet HTML 457Page - Renesas Technology Corp H8S/2454 Datasheet HTML 458Page - Renesas Technology Corp H8S/2454 Datasheet HTML 459Page - Renesas Technology Corp H8S/2454 Datasheet HTML 460Page - Renesas Technology Corp H8S/2454 Datasheet HTML 461Page - Renesas Technology Corp H8S/2454 Datasheet HTML 462Page - Renesas Technology Corp H8S/2454 Datasheet HTML 463Page - Renesas Technology Corp H8S/2454 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 430 of 1342
REJ09B0467-0100
(3) Block Transfer Mode (Cycle Steal Mode)
Figure 8.17 shows an example of transfer when
ETEND output is enabled, and word-size, block
transfer mode (cycle steal mode) is performed from external 16-bit, 2-state access space to
external 16-bit, 2-state access space.
One block is transferred in response to one transfer request, and after the transfer, the bus is
released. While the bus is released, one or more CPU, DMAC, or DTC bus cycles are initiated.
DMA
read
RD
HWR
ETEND
LWR
DMA
write
Address bus
φ
Bus
release
Bus
release
Bus
release
Last block transfer
DMA
read
Block transfer
DMA
write
DMA
read
DMA
write
DMA
read
DMA
write
Figure 8.17 Example of Block Transfer Mode (Cycle Steal Mode) Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com