công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 430 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 430 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 426Page - Renesas Technology Corp H8S/2454 Datasheet HTML 427Page - Renesas Technology Corp H8S/2454 Datasheet HTML 428Page - Renesas Technology Corp H8S/2454 Datasheet HTML 429Page - Renesas Technology Corp H8S/2454 Datasheet HTML 430Page - Renesas Technology Corp H8S/2454 Datasheet HTML 431Page - Renesas Technology Corp H8S/2454 Datasheet HTML 432Page - Renesas Technology Corp H8S/2454 Datasheet HTML 433Page - Renesas Technology Corp H8S/2454 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 400 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
6
IRF
0
R/(W)*
Interrupt Request Flag
Flag indicating that an interrupt request has
occurred and transfer has ended.
0: No interrupt request
[Clearing conditions]
•
Writing 1 to the EDA bit
•
Writing 0 to IRF after reading IRF = 1
1: Interrupt request occurrence
[Setting conditions]
•
Transfer end interrupt request generated by
transfer counter
•
Source address repeat area overflow interrupt
request
•
Destination address repeat area overflow
interrupt request
5
TCEIE
0
R/W
Transfer Counter End Interrupt Enable
Enables or disables transfer end interrupt requests
by the transfer counter. When transfer ends
according to the transfer counter while this bit is set
to 1, the IRF bit is set to 1, indicating that an
interrupt request has occurred.
0: Transfer end interrupt requests by transfer
counter are disabled
1: Transfer end interrupt requests by transfer
counter are enabled
4
SDIR
0
R/W
Single Address Direction
Specifies the data transfer direction in single
address mode. In dual address mode, the
specification by this bit is ignored.
0: Transfer direction: EDSAR
→ external device
with
DACK
1: Transfer direction: External device with
DACK→
EDDAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com