công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 425 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 425 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 421Page - Renesas Technology Corp H8S/2454 Datasheet HTML 422Page - Renesas Technology Corp H8S/2454 Datasheet HTML 423Page - Renesas Technology Corp H8S/2454 Datasheet HTML 424Page - Renesas Technology Corp H8S/2454 Datasheet HTML 425Page - Renesas Technology Corp H8S/2454 Datasheet HTML 426Page - Renesas Technology Corp H8S/2454 Datasheet HTML 427Page - Renesas Technology Corp H8S/2454 Datasheet HTML 428Page - Renesas Technology Corp H8S/2454 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 395 of 1342
REJ09B0467-0100
EDDAR can be read at all times by the CPU. When reading EDDAR for a channel on which
EXDMA transfer processing is in progress, a longword-size read must be executed. Do not write
to EDDAR for a channel on which EXDMA transfer is in progress. The initial values of EDDAR
are undefined.
8.3.3
EXDMA Transfer Count Register (EDTCR)
EDTCR specifies the number of transfers. The function differs according to the transfer mode. Do
not write to EDTCR for a channel on which EXDMA transfer is in progress.
(1) Normal Transfer Mode
Bit
Bit Name
Initial Value
R/W
Description
31 to 24
—
All 0
—
Reserved
These bits are always read as 0 and cannot be
modified.
23 to 0
All 0
R/W
24-Bit Transfer Counter
These bits specify the number of transfers. Setting
H'000001 specifies one transfer. Setting H'000000
means no specification for the number of
transfers, and the transfer counter function is
halted. In this case, there is no transfer end
interrupt by the transfer counter. Setting
H'FFFFFF specifies the maximum number of
transfers, that is 16,777,215. During EXDMA
transfer, this counter shows the remaining number
of transfers.
This counter can be read at all times. When
reading EDTCR for a channel on which EXDMA
transfer processing is in progress, a longword-size
read must be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com