công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 389 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 389 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 385Page - Renesas Technology Corp H8S/2454 Datasheet HTML 386Page - Renesas Technology Corp H8S/2454 Datasheet HTML 387Page - Renesas Technology Corp H8S/2454 Datasheet HTML 388Page - Renesas Technology Corp H8S/2454 Datasheet HTML 389Page - Renesas Technology Corp H8S/2454 Datasheet HTML 390Page - Renesas Technology Corp H8S/2454 Datasheet HTML 391Page - Renesas Technology Corp H8S/2454 Datasheet HTML 392Page - Renesas Technology Corp H8S/2454 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 359 of 1342
REJ09B0467-0100
Address TB
Address BB
Transfer
Address TA
Address BA
1st block
2nd block
Nth block
Block area
Consecutive transfer
of M bytes or words
is performed in
response to one
request
Legend:
Address
Address
Address
Address
Where :
= LA
= LB
= LA + SAIDE · (–1)SAID · (2DTSZ · (N – 1))
= LB + DAIDE · (–1)DAID · (2DTSZ · (M·N – 1))
= Value set in MARA
= Value set in MARB
= Value set in ETCRB
= Value set in ETCRAH and ETCRAL
TA
TB
BA
BB
LA
LB
N
M
Figure 7.14 Operation in Block Transfer Mode (BLKDIR = 1)
ETCRAL is decremented by 1 each time a byte or word transfer is performed. In response to a
single transfer request, burst transfer is performed until the value in ETCRAL reaches H'00.
ETCRAL is then loaded with the value in ETCRAH. At this time, the value in the MAR register
for which a block designation has been given by the BLKDIR bit in DMACRA is restored in
accordance with the DTSZ, SAID/DAID, and SAIDE/DAIDE bits in DMACR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com