công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 354 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 354 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 350Page - Renesas Technology Corp H8S/2454 Datasheet HTML 351Page - Renesas Technology Corp H8S/2454 Datasheet HTML 352Page - Renesas Technology Corp H8S/2454 Datasheet HTML 353Page - Renesas Technology Corp H8S/2454 Datasheet HTML 354Page - Renesas Technology Corp H8S/2454 Datasheet HTML 355Page - Renesas Technology Corp H8S/2454 Datasheet HTML 356Page - Renesas Technology Corp H8S/2454 Datasheet HTML 357Page - Renesas Technology Corp H8S/2454 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 324 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
12
SAE0
0
R/W
Single Address Enable 0
Specifies whether channel 0B is to be used for
transfer in dual address mode or single address
mode. This bit is invalid in full address mode.
0: Dual address mode
1: Single address mode
11
10
9
8
DTA1B
DTA1A
DTA0B
DTA0A
0
0
0
0
R/W
R/W
R/W
R/W
Data Transfer Acknowledge 1B
Data Transfer Acknowledge 1A
Data Transfer Acknowledge 0B
Data Transfer Acknowledge 0A
These bits enable or disable clearing when DMA
transfer is performed for the internal interrupt
source selected by the DTF3 to DTF0 bits in
DMACR.
If the DTA bit is set to 1 when DTE = 1, the internal
interrupt source is cleared automatically by DMA
transfer. When DTE = 1 and DTA = 1, the internal
interrupt source does not issue an interrupt request
to the CPU or DTC.
If the DTA bit is cleared to 0 when DTE = 1, the
internal interrupt source is not cleared when a
transfer is performed, and can issue an interrupt
request to the CPU or DTC in parallel. In this case,
the interrupt source should be cleared by the CPU
or DTC transfer.
When DTE = 0, the internal interrupt source issues
an interrupt request to the CPU or DTC regardless
of the DTA bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com