công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 329 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 329 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 325Page - Renesas Technology Corp H8S/2454 Datasheet HTML 326Page - Renesas Technology Corp H8S/2454 Datasheet HTML 327Page - Renesas Technology Corp H8S/2454 Datasheet HTML 328Page - Renesas Technology Corp H8S/2454 Datasheet HTML 329Page - Renesas Technology Corp H8S/2454 Datasheet HTML 330Page - Renesas Technology Corp H8S/2454 Datasheet HTML 331Page - Renesas Technology Corp H8S/2454 Datasheet HTML 332Page - Renesas Technology Corp H8S/2454 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 299 of 1342
REJ09B0467-0100
6.11
Write Data Buffer Function
This LSI has a write data buffer function for the external data bus. Using the write data buffer
function enables external writes and DMA single address mode transfers to be executed in parallel
with internal accesses. The write data buffer function is made available by setting the WDBE bit
to 1 in BCR.
Figure 6.95 shows an example of the timing when the write data buffer function is used. When this
function is used, if an external address space write or DMA single address mode transfer continues
for two states or longer, and there is an internal access next, an external write only is executed in
the first state, but from the next state onward an internal access (on-chip memory or internal I/O
register read/write) is executed in parallel with the external address space write rather than waiting
until it ends.
T1
Internal address bus
A23 to A0
External write cycle
HWR, LWR
T2
TW
TW
T3
On-chip memory read
Internal I/O register read
Internal read signal
CSn
D15 to D0
External address
Internal memory
External space
write
Internal I/O register address
φ
Figure 6.95 Example of Timing when Write Data Buffer Function Is Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com