| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 311 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 311 Page - Renesas Technology Corp |
|
311 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 281 of 1342 REJ09B0467-0100 (3) Read after Write If an external read occurs after an external write while the ICIS2 bit is set to 1 in BCR, an idle cycle is inserted at the start of the read cycle. Figure 6.79 shows an example of the operation in this case. In this example, bus cycle A is a CPU write cycle and bus cycle B is a read cycle from an external device. In (a), an idle cycle is not inserted, and a collision occurs in bus cycle B between the CPU write data and read data from an external device. In (b), an idle cycle is inserted, and a data collision is prevented. T1 Address bus φ RD Bus cycle A Data bus T2 T3 T1 T2 Bus cycle B Long output floating time Data collision (a) No idle cycle insertion (ICIS2 = 0) T1 Address bus φ RD Bus cycle A Data bus T2 T3 T1 Bus cycle B (b) Idle cycle insertion (ICIS2 = 1, initial value) T2 HWR HWR, LWR CS (area A) CS (area B) CS (area A) CS (area B) Idle cycle Ti Figure 6.79 Example of Idle Cycle Operation (Read after Write) |