| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 308 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 308 Page - Renesas Technology Corp |
|
308 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 278 of 1342 REJ09B0467-0100 T1 Upper address bus Lower address bus φ CSn AS Data bus T2 T1 T1 Full access RD Burst access Note: n = 1 and 0 Figure 6.76 Example of Burst ROM Access Timing (ASTn = 0, 1-State Burst Cycle) 6.9.2 Wait Control As with the basic bus interface, either program wait insertion or pin wait insertion using the WAIT pin can be used in the initial cycle (full access) on the burst ROM interface. See section 6.5.4, Wait Control. Wait states cannot be inserted in a burst cycle. 6.9.3 Write Access When a write access to burst ROM space is executed, burst access is interrupted at that point and the write access is executed in line with the basic bus interface settings. Write accesses are not performed in burst mode even though burst ROM space is designated. |