| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 1365 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 1365 Page - Renesas Technology Corp |
|
1365 / 1376 page ![]() Rev. 1.00 Sep. 19, 2008 Page 1335 of 1342 REJ09B0467-0100 Index Numerics 16-Bit counter mode ............................... 804 16-Bit timer pulse unit (TPU)................. 663 8-Bit timer (TMR) .................................. 787 A A/D conversion accuracy...................... 1044 A/D Converter ...................................... 1017 A/D converter activation......................... 744 Absolute accuracy................................. 1044 Absolute address....................................... 71 Acknowledge................................ 983, 1000 Activation by external request ................ 339 Activation by software.................... 482, 485 Address mode ......................................... 407 Address space ........................................... 49 Addressing modes..................................... 70 Advanced mode ........................................ 47 Arithmetic operations ......................... 58, 61 Asynchronous mode ............................... 859 Auto request mode.................................. 411 B Basic timing............................................ 192 Bcc...................................................... 58, 66 Bit manipulation instructions.................... 64 Bit rate .................................................... 849 Block data transfer instructions ................ 68 Block transfer mode................ 357, 415, 480 Branch instructions ................................... 66 Break....................................................... 905 Buffer operation...................................... 720 Bulk-in transfer....................................... 967 Bulk-out transfer..................................... 966 Burst mode.............................................. 366 Burst Mode ............................................. 413 Burst ROM interface............................... 276 Bus arbitration......................................... 304 Bus controller (BSC)............................... 147 Bus release .............................................. 307 C Cascaded connection............................... 804 Cascaded operation ................................. 725 Chain transfer.......................................... 481 Chain transfer when counter = 0 ............. 488 Clock Pulse Generator .......................... 1153 Clock synchronous communication mode............................ 1091 Clocked synchronous mode .................... 877 CMI......................................................... 128 CMIA...................................................... 805 CMIA0.................................................... 129 CMIA1.................................................... 129 CMIB ...................................................... 805 CMIB0 .................................................... 129 CMIB1 .................................................... 129 Communications Protocol..................... 1130 Compare match count mode ................... 804 Condition field .......................................... 68 Condition-code register (CCR) ................. 53 Control transfer ....................................... 960 CPU operating modes ............................... 45 Cycle steal mode..................................... 412 D Data direction register............................. 493 Data register............................................ 493 Data size and data alignment .................. 190 Data stage................................................ 962 |