công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1289 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1289 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1285Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1286Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1287Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1288Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1289Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1290Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1291Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1292Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1289 / 1376 page
background image
Section 27 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1259 of 1342
REJ09B0467-0100
Notes:
1.
When programming is to be performed multiple times on a system, reduce the effective number of
programming operations by shifting the writing addresses in sequence and so on until the
remaining blank area is as small as possible and only then erasing the entire block once. For
example, if sets of 16 bytes are being programmed, erasing the block once after programming the
maximum number of sets (256) minimizes the effective number of programming operations.
We recommend keeping information on the number of times erasure is performed for each block,
and setting up the limit on the number of times.
2.
If an erase error occurs during erasure, execute the clear status command and then the erase
command at least 3 times until the erase does not recur.
*1. Determination of the number of times for programming /erasure operations.
Number of times programming / erasure is performed in each block.
When the number of times for programming / erasure operations is n (n = 100), data can be erased
n times in each block.
For example, if programming of 4 bytes is done 1024 times, each at a different address in a 4-
kbyte per block, and the block is then erased, this counts as programming / erasure one time.
However, programming of any location in a block multiple times is not possible (overwriting is
prohibited).
*2. This is the number of times for which all electrical characteristics are guaranteed.
*3 Values for the data flush are in planning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More