công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1286 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1286 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1282Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1283Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1284Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1285Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1286Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1287Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1288Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1289Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1286 / 1376 page
background image
Section 27 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1256 of 1342
REJ09B0467-0100
27.1.5
D/A Conversion Characteristics
Table 27.12 D/A Conversion Characteristics
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
8
8
Bit
Conversion time
10
µs
15 pF capacitive load
Absolute accuracy
±2.0
±3.0
LSB
2 M
Ω resistive load
±2.0
LSB
4 M
Ω resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More