| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 1278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 1278 Page - Renesas Technology Corp |
|
1278 / 1376 page ![]() Section 27 Electrical Characteristics Rev. 1.00 Sep. 19, 2008 Page 1248 of 1342 REJ09B0467-0100 (3) Bus Timing Table 27.7 Bus Timing (1) Conditions: V CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS = 0 V, φ = 8 MHz to 33 MHz, T a = −20°C to +75°C (regular specifications), T a = −40°C to +85°C (wide-range specifications) Item Symbol Min. Max. Unit Test Conditions Address delay time t AD 20 ns Address setup time 1 t AS1 0.5 × t cyc −13 ns Figures 27.8 to 27.23, Figures 27.34, and 27.35 Address setup time 2 t AS2 1.0 × t cyc −13 ns Address setup time 3 t AS3 1.5 × t cyc −13 ns Address setup time 4 t AS4 2.0 × t cyc −13 ns Address hold time 1 t AH1 0.5 × t cyc −8 ns Address hold time 2 t AH2 1.0 × t cyc −8 ns Address hold time 3 t AH3 1.5 × t cyc −8 ns CS delay time 1 t CSD1 15 ns CS delay time 2 t CSD2 15 ns CS delay time 3 t CSD3 20 ns AS delay time t ASD 15 ns RD delay time 1 t RSD1 15 ns RD delay time 2 t RSD2 15 ns Read data setup time 1 t RDS1 15 ns Read data setup time 2 t RDS2 15 ns Read data hold time 1 t RDH1 0 ns Read data hold time 2 t RDH2 0 ns Read data access time 1 t AC1 1.0 × t cyc − 25 ns Read data access time 2 t AC2 1.5 × t cyc − 25 ns Read data access time 3 t AC3 2.0 × t cyc − 25 ns Read data access time 4 t AC4 2.5 × t cyc − 25 ns Read data access time 5 t AC5 1.0 × t cyc − 25 ns Read data access time 6 t AC6 2.0 × t cyc − 25 ns Read data access time 7 t AC7 4.0 × t cyc − 25 ns Read data access time 8 t AC8 3.0 × t cyc − 25 ns Counter address read data access time 1 t AA1 1.0 × t cyc − 25 ns Counter address read data access time 2 t AA2 1.5 × t cyc − 25 ns Counter address read data access time 3 t AA3 2.0 × t cyc − 25 ns Counter address read data access time 4 t AA4 2.5 × t cyc − 25 ns Counter address read data access time 5 t AA5 3.0 × t cyc − 25 ns Counter address read data access time 6 t AA6 4.0 × t cyc − 25 ns |