| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 1277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 1277 Page - Renesas Technology Corp |
|
1277 / 1376 page ![]() Section 27 Electrical Characteristics Rev. 1.00 Sep. 19, 2008 Page 1247 of 1342 REJ09B0467-0100 LSI output pin Note: * Not supported by the H8S/2456 Group. CRH RL 3V C=50pF: Ports A to J (except for PH1 when SDRAM φ is in use.) C=30pF: Ports 1 to 3, P50 to P52, Port6, Port8, and PH1 when SDRAM φ is in use. RL=2.4k Ω RH=12k Ω I/O timing test level 1.5V: (Vcc=3.0 to 3.6V) Figure 27.1 Output Load Circuit (2) Control Signal Timing Table 27.6 Control Signal Timing Conditions: V CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS = 0 V, φ = 8 MHz to 33 MHz, T a = −20°C to +75°C (regular specifications), T a = −40°C to +85°C (wide-range specifications) Item Symbol Min. Max. Unit Test Conditions RES setup time t RESS 200 ns Figure 27.6 RES pulse width t RESW 2 ms NMI setup time t NMIS 150 ns Figure 27.7 NMI hold time t NMIH 10 NMI pulse width (in recovery from software standby mode) t NMIW 200 IRQ setup time t IRQS 150 ns IRQ hold time t IRQH 10 IRQ pulse width (in recovery from software standby mode) t IRQW 200 |