| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 811 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 811 Page - Renesas Technology Corp |
|
811 / 1376 page ![]() Section 12 Programmable Pulse Generator (PPG) Rev. 1.00 Sep. 19, 2008 Page 781 of 1342 REJ09B0467-0100 12.4.5 Sample Setup Procedure for Non-Overlapping Pulse Output Figure 12.8 shows a sample procedure for setting up non-overlapping pulse output. Select TGR functions [1] Set TGR values Set counting operation Select interrupt request Set initial output data Enable pulse output Select output trigger Set next pulse output data Start counter Set next pulse output data Compare match A? No Yes TPU setup PPG setup TPU setup Non-overlapping pulse output Set non-overlapping groups [2] [3] [4] [5] [6] [7] [8] [9] [10] [11] [1] Set TIOR to make TGRA and TGRB an output compare registers (with output disabled). [2] Set the pulse output trigger period in TGRB and the non-overlap period in TGRA. [3] Select the counter clock source with bits TPSC2 to TPSC0 in TCR. Select the counter clear source with bits CCLR2 to CCLR0. [4] Enable the TGIA interrupt in TIER. The DTC or DMAC can also be set up to transfer data to NDR. [5] Set the initial output values in PODR. [6] Set the DDR and NDER bits for the pins to be used for pulse output to 1. [7] Select the TPU compare match event to be used as the pulse output trigger in PCR. [8] In PMR, select the groups that will operate in non-overlap mode. [9] Set the next pulse output values in NDR. [10] Set the CST bit in TSTR to 1 to start the TCNT counter. [11] At each TGIA interrupt, set the next output values in NDR. Figure 12.8 Setup Procedure for Non-Overlapping Pulse Output (Example) |