| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 809 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 809 Page - Renesas Technology Corp |
|
809 / 1376 page ![]() Section 12 Programmable Pulse Generator (PPG) Rev. 1.00 Sep. 19, 2008 Page 779 of 1342 REJ09B0467-0100 12.4.4 Non-Overlapping Pulse Output During non-overlapping operation, transfer from NDR to PODR is performed as follows: • NDR bits are always transferred to PODR bits at compare match A. • At compare match B, NDR bits are transferred only if their value is 0. Bits are not transferred if their value is 1. Figure 12.6 illustrates the non-overlapping pulse output operation. Compare match A Compare match B Pulse output pin Internal data bus Normal output/inverted output C PODR QD NDER Q NDR Q D DDR Figure 12.6 Non-Overlapping Pulse Output Therefore, 0 data can be transferred ahead of 1 data by making compare match B occur before compare match A. The NDR contents should not be altered during the interval from compare match B to compare match A (the non-overlap margin). This can be accomplished by having the TGIA interrupt handling routine write the next data in NDR, or by having the TGIA interrupt activate the DTC or DMAC. Note, however, that the next data must be written before the next compare match B occurs. Figure 12.7 shows the timing of this operation. |