| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 635 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 635 Page - Renesas Technology Corp |
|
635 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 605 of 1342 REJ09B0467-0100 10.11 Port C Port C is an 8-bit I/O port that also has other functions. Port C has the following registers. • Port C data direction register (PCDDR) • Port C data register (PCDR) • Port C register (PORTC) • Port C pull-up MOS control register (PCPCR) • Port C open drain control register (PCODR) 10.11.1 Port C Data Direction Register (PCDDR) The individual bits of PCDDR specify input or output for the pins of port C. PCDDR cannot be read; if it is, an undefined value will be read. Bit Bit Name Initial Value R/W Description 7 PC7DDR 0 W 6 PC6DDR 0 W 5 PC5DDR 0 W 4 PC4DDR 0 W 3 PC3DDR 0 W 2 PC2DDR 0 W 1 PC1DDR 0 W 0 PC0DDR 0 W • Modes 1 and 2 Port C pins are address outputs regardless of the PCDDR settings. • Modes 7 (when EXPE = 1) and 4 Setting a PCDDR bit to 1 makes the corresponding pin an address output, while clearing a PCDDR to 0 makes the corresponding pin an input port. • Mode 7 (when EXPE = 0) Port C is an I/O port, and its pin functions can be switched with PCDDR. |