| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 631 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 631 Page - Renesas Technology Corp |
|
631 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 601 of 1342 REJ09B0467-0100 • PB2/A10/TIOCC6/TCLKE The pin function is switched as shown below according to the combination of the operating mode, bit EXPE, TPU channel 6 settings (by bits MD3 to MD0 in TMDR_6, bits IOC3 to IOC0 in TIORL_6, and bits CCLR2 to CCLR0 in TCR_6), bits TPSC2 to TPSC0 in TCR_6 to TCR_11, and bit PB2DDR. Operating mode 1, 2 4, 7 (EXPE = 1) 7 (EXPE = 0) TPU channel 6 settings (1) in table below (2) in table below PB2DDR 0 1 0 1 PB2 input PB2 output TIOCC6 output TIOCC6 input* 1 Pin function A10 output PB2 input A10 output TCLKE input* 2 TPU channel 6 settings (2) (1) (2) (1) (1) (2) MD3 to MD0 B'0000 B'001 × B'0010 B'0011 IOC3 to IOC0 B'0000, B'0100, B'1 ××× B'0001 to B'0011, B'0101 to B'0111 B' ××00 Other than B' ××00 CCLR2 to CCLR0 Other than B'101 B'101 Output function Output compare output PWM* 3 mode 1 output PWM mode 2 output Legend: ×: Don’t care Notes: 1. TIOCC6 input when MD3 to MD0 = B'0000 and IOC3 to IOC0 = B'10 ××. 2. TCLKE input when the setting for any of TCR_6 to TCR_11 is TPSC2 to TPSC0 = B'100. TCLKE input when phase counting mode is set for channels 7 and 11. 3. TIOCD6 output disabled. Output disabled and settings (2) effective when BFA = 1 or BFB = 1 in TMDR_6. |