| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 389 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 389 Page - Renesas Technology Corp |
|
389 / 1376 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 359 of 1342 REJ09B0467-0100 Address TB Address BB Transfer Address TA Address BA 1st block 2nd block Nth block Block area Consecutive transfer of M bytes or words is performed in response to one request Legend: Address Address Address Address Where : = LA = LB = LA + SAIDE · (–1)SAID · (2DTSZ · (N – 1)) = LB + DAIDE · (–1)DAID · (2DTSZ · (M·N – 1)) = Value set in MARA = Value set in MARB = Value set in ETCRB = Value set in ETCRAH and ETCRAL TA TB BA BB LA LB N M Figure 7.14 Operation in Block Transfer Mode (BLKDIR = 1) ETCRAL is decremented by 1 each time a byte or word transfer is performed. In response to a single transfer request, burst transfer is performed until the value in ETCRAL reaches H'00. ETCRAL is then loaded with the value in ETCRAH. At this time, the value in the MAR register for which a block designation has been given by the BLKDIR bit in DMACRA is restored in accordance with the DTSZ, SAID/DAID, and SAIDE/DAIDE bits in DMACR. |