| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 386 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 386 Page - Renesas Technology Corp |
|
386 / 1376 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 356 of 1342 REJ09B0467-0100 Figure 7.12 shows an example of the setting procedure for normal mode. Normal mode setting Set DMABCRH Set transfer source and transfer destination addresses Set number of transfers Set DMACR Read DMABCRL Set DMABCRL Normal mode [1] [2] [3] [4] [5] [6] [1] Set each bit in DMABCRH. • Set the FAE bit to 1 to select full address mode. • Specify enabling or disabling of internal interrupt clearing with the DTA bit. [2] Set the transfer source address in MARA, and the transfer destination address in MARB. [3] Set the number of transfers in ETCRA. [4] Set each bit in DMACRA and DMACRB. • Set the transfer data size with the DTSZ bit. • Specify whether MARA is to be incremented, decremented, or fixed, with the SAID and SAIDE bits. • Clear the BLKE bit to 0 to select normal mode. • Specify whether MARB is to be incremented, decremented, or fixed, with the DAID and DAIDE bits. • Select the activation source with bits DTF3 to DTF0. [5] Read DTE = 0 and DTME = 0 in DMABCRL. [6] Set each bit in DMABCRL. • Specify enabling or disabling of transfer end interrupts with the DTIE bit. • Set both the DTME bit and the DTE bit to 1 to enable transfer. Figure 7.12 Example of Normal Mode Setting Procedure |