công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1227 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1227 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1227 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1179 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
8.2.10 Port A
327
Amended
•
PA5/
ExIRQ5/EVENT5/A21/WOL
The pin function is switched as shown below according to the
setting of the MPDE bit in ECMR in EtherC, the address 18, and
the PA5DDR bit.
Setting the ISS5 bit in ISSR to 1 makes the pin function as the
ExIRQ5 input pin.
When using the pin as the ExIRQ5 input, or an EVENT input
pin, clear the PA5DDR bit to 0. Though the settings for the
EVENT input pin have been made, set the PA5DDR bit to 1
when using the pin as the A21 or PA5 output pin.
When the module stop mode is cleared in both the EtherC and
E-DMAC, this pin functions as the WOL output pin.
8.2.15 Port F
355
Amended
•
PF1/RS9/MDC
EtherC,
E-DMAC
Either of them is stopped
Both of them are
stopped
PF1DDR
0
1
X
Pin function
PF1 input pin
PF1 output pin
MDC output pin
Section 10 16-Bit Free-
Running Timer (FRT)
Figure 10.3 Timing of
Output Compare A
Output
383
Replaced
Section 12 Watchdog
Timer (WDT)
12.3.2 Timer Control/
Status Register (TCSR)
•
TCSR_0
418
Amended
Bit
Bit Name
Initial Value
R/W
4
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com