công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1230 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1230 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1230 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1182 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
Section 21 Ethernet
Controller Direct
Memory Access
Controller (E-DMAC)
21.2.8 Transmit/Receive
Status Copy Enable
Register (TRSCER)
806
Amended
TRSCER specifies whether or not transmit and receive status
information reported by bits 7 and 4 in the EtherC/E-DMAC
status register is to be indicated in bit RFE in the corresponding
descriptor. Bits in this register correspond to bits 7 and 4 in the
EtherC/E-DMAC status register (EESR). When a bit is cleared
to 0, the transmit status (bits 11 to 8 in EESR) is indicated in bits
TFS3 to TFS0 in the transmit descriptor, and the receive status
(bits 7 and 4 in EESR) is indicated in bit RFE of the receive
descriptor. When a bit is set to 1, the occurrence of the
corresponding interrupt is not indicated in the descriptor. After
this LSI is reset, all bits are cleared to 0.
Bit
Bit Name
Initial
value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The
initial value should not be changed.
7
RMAFCE 0
R/W
RMAF Bit Copy Directive
0:
Indicates the RMAF bit state in bit
RFE of the receive descriptor
1:
Occurrence of the corresponding
interrupt is not indicated in bit RFE of
the receive descriptor
6, 5
All 0
R
Reserved
These bits are always read as 0. The
initial value should not be changed.
4
RRFCE
0
R/W
RRF Bit Copy Directive
0:
Indicates the RRF bit state in bit RFE
of the receive descriptor
1:
Occurrence of the corresponding
interrupt is not indicated in bit RFE of
the receive descriptor
3 to 0
All 0
R
Reserved
These bits are always read as 0. The
initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com