công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1234 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1234 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1235Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1236Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1237Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1234 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1186 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
Section 26 Boundary
Scan (JTAG)
Table 26.1 Pin
Configuration
1019
Deleted
Pin Name
Function
Test clock
Test clock inputProvides an independent clock
supply to the JTAG. As the clock input to the
ETCK pin is supplied directly to the JTAG, a
clock waveform with a duty cycle close to 50%
should be input. For details, see section 31,
Electrical Characteristics. If there is no input, the
ETCK pin is fixed to 1 by an internal pull
Test mode select
Test mode select input Sampled on the rise of
the ETCK pin. The ETMS pin controls the
internal state of the TAP controller. If there is no
input, the ETMS pin is fixed to 1 by an internal
pull
Test data input
Serial data inputPerforms serial input of
instructions and data for JTAG registers. ETDI is
sampled on the rise of the ETCK pin. If there is
no input, the ETDI pin is fixed to 1 by an internal
pull
Test data output
Serial data outputPerforms serial output of
instructions and data from JTAG registers.
Transfer is performed in synchronization with the
ETCK pin. If there is no output, the ETDO pin
goes to the high
Test reset
Test reset input signalInitializes the JTAG
asynchronously. If there is no input, the ETRST
pin is fixed to 1 by an internal pull
Table 26.3
Correspondence
between Pins and
Boundary Scan Register
(H8S/2472 Group)
1025,
1029
Amended
Pin No.
Pin Name
Input/Output
Bit No.
Input
231
Enable
230
R6
P82
Output
229
Input
108
Enable
107
D13
P17
Output
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com