công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1235 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1235 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1235Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1236Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1237Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1238Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1235 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1187 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
1031
Description added
Though the pin no. for the H8S/2462 Group and the H8S/2463
Group differs, the bit no. for these products is the same. The
following table is listed with the pin no. of the H8S/2462 Group
.
Table 26.4
Correspondence
between Pins and
Boundary Scan Register
(H8S/2462 Group and
H8S/2463 Group)
1033
Amended
Pin No.
Pin Name
Input/Output
Bit No.
Input
251
Enable
252
35
PA5
Output
249
—
—
—
—
36
VCC
—
—
26.6 Usage Notes
1045
Deleted
1. A reset must always be executed by driving the ETRST pin to
0, regardless of whether or not the JTAG is to be activated. …
If the JTAG is not to be activated, drive the ETRST, ETCK,
ETMS, and ETDI pins to 1 or the high-impedance state.
These pins are internally pulled up and are noted in standby
mode.
Section 28 Power-Down
Modes
28.1.4 Sub-Chip Module
Stop Control Registers
BH, BL (SUBMSTPBH,
SUBMSTPBL)
1062
Amended
•
SUBMSTPBL
Bit Name
Corresponding Module
SMSTPB4
PECI
This bit is not incorporated in the H8S/2463 Group.
The initial values should not be changed.
Section 29 List of
Registers
29.1 Register
Addresses (Address
Order)
1085
Added
Notes: 1. The registers related to USB are supported only by
the H8S/2472 Group.
2. The registers related to PECI are supported only by
the H8S/2472 Group and the H8S/2462 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com