công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1231 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1231 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1231 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1183 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
21.3.1 Descriptor List
and Data Buffers
(1) Transmit Descriptor
(a) Transmit
Descriptor 0 (TD0)
818
Amended
Bit
Bit
Name
Initial
value
R/W
Description
27
TFE
0
R/W
Transmit Frame Error
Indicates that one or other bit of
the transmit frame status
indicated by bits 26 to 0 is set.
Whether or not the transmit frame
status information is copied into
this bit is specified by the
transmit/receive status copy
enable register.
0: No error during transmission
1: An error occurred during
transmission
26 to
0
TFS26
to TFS0
All 0
R/W
Transmit Frame Status
TFS26 to TFS9: Reserved (The
write value should always
be 0.)
TFS8: Transmit Abort Detection
(indicates any of bits
TFS3 to TFS0 has been
set.)
TFS7 to TFS4: Reserved (The
write value should always
be 0.)
TFS3: Carrier Not Detected
(corresponds to CND bit
in EESR)
TFS2: Detect Loss of Carrier
(corresponds to DLC bit in
EESR)
TFS1: Delayed Collision Detect
(corresponds to CD bit in
EESR)
TFS0: Transmit Retry Over
(corresponds to TRO bit
in EESR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com