công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1229 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1229 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1229 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1181 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
Section 19 LPC
Interface (LPC)
19.3.1 Host Interface
Control Registers 0 and
1 (HICR0 and HICR1)
•
HICR1
678
Amended
Bit
Bit Name
Description
0
LSCIB
LSCI output Bit
Controls LSCI output in combination with the
LSCIE bit. For details, refer to description on the
LSCIE bit in HICR0.
Figure 19.11 Clock Start
Request Timing
749
Amended
LCLK
CLKRUN
Pull-up enable
Driven by the host processor
Driven by the slave processor
1
2
3
4
5
6
Table 19.14 Host
Address Example
755
Amended
Register
Host Address
when LADR3 = H'A24F
Host Address
when LADR3 = H'3FD0
Section 20 Ethernet
Controller (EtherC)
Table 20.1
Pin Configuration
759
Amended and added
Type
Abbreviation
I/O
Function
PHY register
interface
signals
MDC
Output
Management Data Clock
Reference clock signal for
information transfer via MDIO
Others
EXOUT
Output
External Output
Figure 20.10 1-Bit Data
Read Flowchart
784
Modified
(1) Write to PHY interface register
MMD = 0
MDC = 1
(2) Write to PHY
interface register read
MMD = 0
MMC = 1
MDI is read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com