công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1228 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1228 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1228 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1180 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
•
TCSR_1
420
Amended
Bit
Bit Name
Description
5
TME
Timer Enable
When this bit is set to 1, TCNT starts counting.
When this bit is cleared, TCNT stops counting
and is initialized to H'00. When PSS = 1, TCNT
is not initialized. Write H'00 to TCNT to initialize
TCNT.
Section 15 Serial
Communication
Interface with FIFO
(SCIF)
15.3 Register
Descriptions
510
Register name amended
•
Sub-chip module stop control register BL (SUBMSTPBL)
Table 15.2 Register
Access
510
Description in this table amended
SCIFE Bit in HICR5
0
Bit 3 in SUBMSTPBL
0
1
Figure 15.4 Example of
Data Transmission
Flowchart
531
Modified
[1] Confirm that the THRE flag in FLSR is 1, and write transmit data to
FTHR. When FIFOs are used, write 1-byte to 16-byte transmit data.
When the OUT2 bit in FMCR and the ETBEI bit in FIER are set to 1,
an FTHR empty interrupt occurs. When data is written to FTHR, it is
transferred automatically to FTSR.
The data is then transmitted from the TxDF pin in the order of the
start bit, transmit data, parity bit, and stop bit
.
Figure 15.5 Example of
DATA Reception
Flowchart
532
Modified
Read FRBR
Error processing
RXFIFOERR = 1,
BI = 1, FE = 1,
PE = 1, or OE = 1
Yes
No
Yes
[2]
[3]
[4]
Read RXFIFOERR, BI, PE and OE
flag in FLSR
Read DR flag in FLSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com