công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1224 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1224 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1220Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1224 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1176 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
Section 3 MCU
Operating Modes
3.2.3 Serial Timer
Control Register (STCR)
67
Added
Bit
Bit Name
Initial
Value
R/W
Description
3
FLSHE
0
R/W
Flash Memory Control Register Enable
Enables or disables CPU access for flash
memory registers (FCCS, FPCS, FECS,
FKEY, FMATS, FTDAR), control registers of
power-down states (SBYCR, LPWRCR,
MSTPCRH, MSTPCRL), and control
registers of on-chip peripheral modules
(BCR2, WSCR2, PCSR, SYSCR2).
0: Area from H'FFFE88 to H'FFFE8F is
reserved.
Area from H'FFFEA0 to H'FFFEBF is
allocated to registers of AD, serial
multiplexed functions, and I/O ports.
Area from H'FFFF80 to H'FFFF87 is
allocated to control registers of power-
down states and on-chip peripheral
modules.
1: Area from H'FFFE88 to H'FFFE8F is
allocated to control registers of flash
memory.
Area from H'FFFEA0 to H'FFFEBF is
reserved.
Area from H'FFFF80 to H'FFFF87 is
reserved.
Section 4 Exception
Handling
4.3.3 On-Chip
Peripheral Modules after
Reset is Cancelled
75
After a reset is cancelled, the module stop control registers
(MSTPCR, MSTPCRA, and SUBMSTPB, and SUBMSTPA) are
initialized, …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com