công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1225 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1225 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1225 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1177 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
Section 5 Interrupt
Controller
Table 5.2
Correspondence
between Interrupt
Source and ICR
82
Amended
Register
Bit
ICRC
ICRD
7
SCI_3
IRQ8 to IRQ11
2
IIC_2, IIC_3
PECI*
2
1
LPC
SCIF
0
USB*
1
—
[Legend]
n:
A to D
:
Reserved. The write value should always be 0.
Notes: 1. Supported only by the H8S/2472 Group.
2. Supported only by the H8S/2472 Group and the
H8S/2462 Group.
Table 5.3 Interrupt
Sources, Vector
Addresses, and
Interrupt Priorities
92
Amended
Origin of Interrupt Source
PECI*
2
USB*
1
Notes: 1. Supported only by the H8S/2472 Group.
2. Supported only by the H8S/2472 Group and the
H8S/2462 Group.
Section 8 I/O Ports
8.1 I/O Ports for the
H8S/2472 Group
189
Description amended
Table 8.1 is a summary of the port functions. … For port A pins
and D0 to D5 pins, the on/off status of the input pull-up MOS is
controlled by their respective DDR and the output data register
(ODR). Ports 1 to 4, and 6 have an input pull-up MOS control
register (PCR), …
8.1.9 Port 9
(3) Pin Functions
237
Deleted
•
P97/
WAIT/CS256
The pin function is switched as shown below according to
the operating mode and the combination of the CS256E bit
in SYSCR, the WMS1 bit in WSCR, the WMS21 bit in
WSCR2, and the P97DDR bit.
Operating
Mode
Extended mode
WMS1,
WMS21
All 0
Either bit is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com