công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1236 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1236 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1235Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1236Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1237Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1238Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1239Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1236 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page 1188 of 1198
REJ09B0403-0200
Item
Page
Revision (See Manual for Details)
29.2 Register Bits
1089,
1103
Amended
Register
Abbreviation
Bit 3
Bit 2
Bit 1
Bit 0
Module
TRSCER
E-DMAC
Notes: The registers related to USB are supported only by the
H8S/2472 Group.
The registers related to PECI are supported only by the
H8S/2472 Group and the H8S/2462 Group.
29.3 Register States in
Each Operating Mode
1116
Added
Notes: 1. The registers related to USB are supported only by
the H8S/2472 Group.
2. The registers related to PECI are supported only by
the H8S/2472 Group and the H8S/2462 Group.
Section 30 Platform
Environment Control
Interface (PECI)
1117
Added
If this module is not used, the PECI-related pins should be
handled as follows. PECI is not supported by the H8S/2463
Group.
Section 31 Electrical
Characteristics
Table 31.1 Absolute
Maximum Ratings
1119
Amended
Item
Symbol
Value
PECI reference power supply voltage PEVref
–0.3 to +1.5
Table 31.10 Timing of
On-Chip Peripheral
Modules
1145
Item added
Item
Symbol
Min.
Max.
Receive data setup time
(synchronous)
t
RXS
30.0
SCI
(multiplexed
with P51)
Receive data hold time
(synchronous)
t
RXH
30.0
Figure 31.30 SSU
Timing (Slave, CPHS =
1)
1149
Figure title amended
Table 31.16 JTAG
Timing
1159
Amended
Item
Symbol
Min.
Max.
ETCK clock cycle time
t
TCKcyc
29.4*
50*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com