công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1126 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1126 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1122Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1123Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1124Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1126 / 1250 page
background image
Section 29 List of Registers
Rev. 2.00 Aug. 20, 2008 Page 1078 of 1198
REJ09B0403-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of Access
States
Event count status register
ECS
16
H'FE40
EVC
16
2
Event count control register
ECCR
8
H'FE42
EVC
8
2
Module stop control register A
MSTPCRA
8
H'FE43
SYSTEM
8
2
Noise canceler enable register
P3NCE
8
H'FE44
PORT
8
2
Noise canceler mode control register
P3NCMC
8
H'FE45
PORT
8
2
Noise canceler cycle setting register
NCCS
8
H'FE46
PORT
8
2
Port E output data register
PEODR
8
H'FE48
PORT
8
2
Port F output data register
PFODR
8
H'FE49
PORT
8
2
Port E input data register
PEPIN
8
H'FE4A
PORT
8
2
Port E data direction register
PEDDR
8
H'FE4A
PORT
8
2
Port F input data register
PFPIN
8
H'FE4B
PORT
8
2
Port F data direction register
PFDDR
8
H'FE4B
PORT
8
2
Port C output data register
PCODR
8
H'FE4C
PORT
8
2
Port D output data register
PDODR
8
H'FE4D
PORT
8
2
Port C input data register
PCPIN
8
H'FE4E
PORT
8
2
Port C data direction register
PCDDR
8
H'FE4E
PORT
8
2
Port D input data register
PDPIN
8
H'FE4F
PORT
8
2
Port D data direction register
PDDDR
8
H'FE4F
PORT
8
2
Flash code control/status register
FCCS
8
H'FE88
FLASH
8
2
Flash program code select register
FPCS
8
H'FE89
FLASH
8
2
Flash erase code select register
FECS
8
H'FE8A
FLASH
8
2
Flash key code register
FKEY
8
H'FE8C
FLASH
8
2
Flash MAT select register
FMATS
8
H'FE8D
FLASH
8
2
Flash transfer destination address
register
FTDAR
8
H'FE8E
FLASH
8
2
I
2C bus control register_4
ICCR_4
8
H'FE90
IIC_4
8
2
I
2C bus status register_4
ICSR_4
8
H'FE91
IIC_4
8
2
I
2C bus data register_4
ICDR_4
8
H'FE92
IIC_4
8
2
Second slave address register_4
SARX_4
8
H'FE92
IIC_4
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com