công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1129 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1129 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1129 / 1250 page
background image
Section 29 List of Registers
Rev. 2.00 Aug. 20, 2008 Page 1081 of 1198
REJ09B0403-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of Access
States
Keyboard comparator control register
KBCOMP
8
H'FEE4
EVC
8
2
DTC enable register F
DTCERF
8
H'FEE6
DTC
8
2
Interrupt control register D
ICRD
8
H'FEE7
INT
8
2
Interrupt control register A
ICRA
8
H'FEE8
INT
8
2
Interrupt control register B
ICRB
8
H'FEE9
INT
8
2
Interrupt control register C
ICRC
8
H'FEEA
INT
8
2
IRQ status register
ISR
8
H'FEEB
INT
8
2
IRQ sense control register H
ISCRH
8
H'FEEC
INT
8
2
IRQ sense control register L
ISCRL
8
H'FEED
INT
8
2
DTC enable register A
DTCERA
8
H'FEEE
DTC
8
2
DTC enable register B
DTCERB
8
H'FEEF
DTC
8
2
DTC enable register C
DTCERC
8
H'FEF0
DTC
8
2
DTC enable register D
DTCERD
8
H'FEF1
DTC
8
2
DTC enable register E
DTCERE
8
H'FEF2
DTC
8
2
DTC vector register
DTVECR
8
H'FEF3
DTC
8
2
Address break control register
ABRKCR
8
H'FEF4
INT
8
2
Break address register A
BARA
8
H'FEF5
INT
8
2
Break address register B
BARB
8
H'FEF6
INT
8
2
Break address register C
BARC
8
H'FEF7
INT
8
2
IRQ enable register 16
IER16
8
H'FEF8
INT
8
2
IRQ status register 16
ISR16
8
H'FEF9
INT
8
2
IRQ sense control register 16H
ISCR16H
8
H'FEFA
INT
8
2
IRQ sense control register 16L
ISCR16L
8
H'FEFB
INT
8
2
IRQ sense port select register 16
ISSR16
8
H'FEFC
PORT
8
2
IRQ sense port select register
ISSR
8
H'FEFD
PORT
8
2
Port control register 0
PTCNT0
8
H'FEFE
PORT
8
2
Bus control register 2
BCR2
8
H'FF80
BSC
8
2
Wait state control register 2
WSCR2
8
H'FF81
BSC
8
2
Peripheral clock select register
PCSR
8
H'FF82
PWMX
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com