công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1131 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1131 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1131 / 1250 page
background image
Section 29 List of Registers
Rev. 2.00 Aug. 20, 2008 Page 1083 of 1198
REJ09B0403-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of Access
States
Port A output data register
PAODR
8
H'FFAA
PORT
8
2
Port A input data register
PAPIN
8
H'FFAB
PORT
8
2
Port A data direction register
PADDR
8
H'FFAB
PORT
8
2
Port 1 pull-up MOS control register
P1PCR
8
H'FFAC
PORT
8
2
Port 2 pull-up MOS control register
P2PCR
8
H'FFAD
PORT
8
2
Port 3 pull-up MOS control register
P3PCR
8
H'FFAE
PORT
8
2
Port 1 data direction register
P1DDR
8
H'FFB0
PORT
8
2
Port 2 data direction register
P2DDR
8
H'FFB1
PORT
8
2
Port 1 data register
P1DR
8
H'FFB2
PORT
8
2
Port 2 data register
P2DR
8
H'FFB3
PORT
8
2
Port 3 data direction register
P3DDR
8
H'FFB4
PORT
8
2
Port 4 data direction register
P4DDR
8
H'FFB5
PORT
8
2
Port 3 data register
P3DR
8
H'FFB6
PORT
8
2
Port 4 data register
P4DR
8
H'FFB7
PORT
8
2
Port 5 data direction register
P5DDR
8
H'FFB8
PORT
8
2
Port 6 data direction register
P6DDR
8
H'FFB9
PORT
8
2
Port 5 data register
P5DR
8
H'FFBA
PORT
8
2
Port 6 data register
P6DR
8
H'FFBB
PORT
8
2
Port B output data register
PBODR
8
H'FFBC
PORT
8
2
Port B input data register
PBPIN
8
H'FFBD
PORT
8
2
Port 8 data direction register
P8DDR
8
H'FFBD
PORT
8
2
Port 7 input data register
P7PIN
8
H'FFBE
PORT
8
2
Port B data direction register
PBDDR
8
H'FFBE
PORT
8
2
Port 8 data register
P8DR
8
H'FFBF
PORT
8
2
Port 9 data direction register
P9DDR
8
H'FFC0
PORT
8
2
Port 9 data register
P9DR
8
H'FFC1
PORT
8
2
Interrupt enable register
IER
8
H'FFC2
INT
8
2
Serial timer control register
STCR
8
H'FFC3
SYSTEM
8
2
System control register
SYSCR
8
H'FFC4
SYSTEM
8
2
Mode control register
MDCR
8
H'FFC5
SYSTEM
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com