công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 611 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 611 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp H8S/2472 Datasheet HTML 612Page - Renesas Technology Corp H8S/2472 Datasheet HTML 613Page - Renesas Technology Corp H8S/2472 Datasheet HTML 614Page - Renesas Technology Corp H8S/2472 Datasheet HTML 615Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 563 of 1198
REJ09B0403-0200
17.3.6
SS Control Register 2 (SSCR2)
SSCR2 is a register that enables/disables the open-drain outputs of the SSO, SSI, SSCK, and
SCS
pins, selects the assert timing of the
SCS pin, data output timing of the SSO pin, and set timing of
the TEND bit.
Bit
Bit Name
Initial
Value
R/W
Description
7
SDOS
0
R/W
Serial Data Pin Open Drain Select
Selects whether the serial data output pin is used as a
CMOS or an NMOS open drain output. Pins to output
serial data differ according to the register setting. For
details, 14.4.3, Relationship between Data Input/Output
Pins and Shift Register.
0: CMOS output
1: NMOS open drain output
6
SSCKOS
0
R/W
SSCK Pin Open Drain Select
Selects whether the SSCK pin is used as a CMOS or
an NMOS open drain output.
0: CMOS output
1: NMOS open drain output
5
SCSOS
0
R/W
SCS Pin Open Drain Select
Selects whether the
SCS pin is used as a CMOS or an
NMOS open drain output.
0: CMOS output
1: NMOS open drain output
4
TENDSTS 0
R/W
Selects the timing of setting the TEND bit (valid in SSU
and master mode).
0: Sets the TEND bit when the last bit is being
transmitted
1: Sets the TEND bit after the last bit is transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com