| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 615 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 615 Page - Renesas Technology Corp |
|
615 / 1250 page ![]() Section 17 Synchronous Serial Communication Unit (SSU) Rev. 2.00 Aug. 20, 2008 Page 567 of 1198 REJ09B0403-0200 17.4.3 Relationship between Data Input/Output Pins and Shift Register The connection between data input/output pins and the SS shift register (SSTRSR) depends on the combination of the MSS and BIDE bits in SSCRH and the SSUMS bit in SSCRL. Figure 17.3 shows the relationship. The SSU transmits serial data from the SSO pin and receives serial data from the SSI pin when operating with BIDE = 0 and MSS = 1 (standard, master mode) (see figure 17.3 (1)). The SSU transmits serial data from the SSI pin and receives serial data from the SSO pin when operating with BIDE = 0 and MSS = 0 (standard, slave mode) (see figure 17.3 (2)). The SSU transmits and receives serial data from the SSO pin regardless of master or slave mode when operating with BIDE = 1 (bidirectional mode) (see figures 17.3 (3) and (4)). However, even if both the TE and RE bits are set to 1, transmission and reception are not performed simultaneously. Either the TE or RE bit must be selected. The SSU transmits serial data from the SSO pin and receives serial data from the SSI pin when operating with SSUMS = 1. The SSCK pin outputs the internal clock when MSS = 1 and function as an input pin when MSS = 0 (see figures 17.3 (5) and (6)). SSCK Shift register (SSTRSR) Shift register (SSTRSR) Shift register (SSTRSR) Shift register (SSTRSR) SSO SSI SSCK SSO SSI SSCK SSO SSI SSCK SSO SSI (1) When SSUMS = 0, BIDE = 0 (standard mode), MSS = 1, TE = 1, and RE = 1 SSCK Shift register (SSTRSR) SSO SSI SSCK Shift register (SSTRSR) SSO SSI (2) When SSUMS = 0, BIDE = 0 (standard mode), MSS = 0, TE = 1, and RE = 1 (3) When SSUMS = 0, BIDE = 1 (bidirectional mode), MSS = 0, and either TE or RE = 1 (4) When SSUMS = 0, BIDE = 1 (bidirectional mode), MSS = 1, and either TE or RE = 1 (5) When SSUMS = 1 and MSS = 1 (6) When SSUMS = 1 and MSS = 0 Figure 17.3 Relationship between Data Input/Output Pins and the Shift Register |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |